Part Number Hot Search : 
KSC221 8F320 K3020 EPM240Z 194H50 30N60 1815ST10 GBJL1501
Product Description
Full Text Search
 

To Download B10A60VIC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1999. 11. 12 1/2 semiconductor technical data B10A60VIC schottky barrier type diode stack revision no : 1 switching type power supply application. converter & chopper application. features  average output rectified current : i o =10a (tc=114 1 ).  repetitive peak reverse voltage : v rrm =60v.  fast reverse recovery time : t rr =35ns.  low peak forward voltage : 0.52v(typ.) maximum rating (ta=25 1 ) dim millimeters 1. anode 2. cathode 3. anode to-220is 10.30 max 15.30 max 2.70 y 0.30 0.85 max x 3.20 y 0.20 3.00 y 0.30 a b c d e f g 12.30 max 0.75 max h 13.60 y 0.50 3.90 max 1.20 1.30 2.54 4.50 y 0.20 6.80 2.60 y 0.20 10 ? j k l m n o p q r f o q 1 2 3 l p n b g j m d n t t h e r t v s k l u t s 0.5 5 ^ 25 ^ 2.60 y 0.15 v u d a c electrical characteristics (ta=25 1 ) characteristic symbol test condition min. typ. max. unit peak forward voltage (note) v fm i fm =5a - 0.52 0.58 v repetitive peak reverse current (note) i rrm v rrm =rated - - 0.5 ma reverse recovery time (note) t rr i f =1.0a, di/dt=-30a/ ] - - 35 ns thermal resistance (note) r th(j-c) juction to case - - 4.0 1 /w characteristic symbol rating unit repetitive peak reverse voltage v rrm 60 v average output rectified current (tc=114 1 ) (rated v r ) (note) i o 10 a peak one cycle surge forward current (non-repetitive 60hz) i fsm 100 a junction temperature t j -40  150 1 storage temperature range t stg -55  150 1 note : average forward current of centertap full wave connection. note : a value of one cell 3 1 2
1999. 11. 12 2/2 B10A60VIC revision no : 1 f(av) average forward current i (a) average forward current i (a) f(av) ambient temperature t ( c) a case temperature tc ( c) p (w) f(av) average forward current i (a) f(av) f(av) f(av) p - i average forward power dissipation reverse current i (ma) r reverse voltage v (v) r i - v i - v f forward voltage v (v) f forward current i (a) ff i - t fc i - t fc rr 0 0 0 100 110 120 130 140 150 4.0 8.0 12 16 rated voltage r =4.0 c/w jc dc 180 square wave applied 40 80 120 160 4 8 12 16 rated voltage applied ja ja r =16 c/w r =60 c/w (no heat sink) dc dc 180 square wave 0 0 0.001 0 0.2 0.5 0.4 0.6 0.8 1.0 1.2 1.0 3.0 5.0 10 30 50 t =125 c j j t =75 c j t =25 c 20 40 60 80 0.01 0.1 1.0 10 100 t =150 c j j t =125 c j t =100 c j t =75 c j t =25 c 2.0 4.0 6.0 8.0 2.0 4.0 10 12 sine wave 180 square wave dc 6.0 8.0 t =50 c j 10 12


▲Up To Search▲   

 
Price & Availability of B10A60VIC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X